Part Number Hot Search : 
ST622X RFP4668 ROCHI SAB80 AF117 BR2035 82C55 V585M
Product Description
Full Text Search
 

To Download 70M-IDCI5NP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AC/DC Input Modules
FEATURES * Transient Protection: Meets the requirements of IEEE 472, "Surge Withstanding Capability Test"* * Non-Polarized Types Provide Inputs For AC or DC * UL, CSA, CE , TUV Certified (TUV not available on OpenLine) * Optical Isolation * OpenLine(R) and G5 Modules have Built-in Status LED
70L-IDC 70G-IDC 70-IDC 70M-IDC
CIRCUITRY
Standard, Mini, G5
+
1
OpenLine(R)
I/O MODULE PIN # +/1 1 +/2 2 +/3 +/4 TERMINAL BLOCK #
BASE OR RACK FILTER OPTICAL ISOLATION FILTER OPTICAL ISOLATION HYSTERESIS
Rx
TYPICAL WIRING FOR MODULE 0 6 A 7 5 CH. A STATUS GND Vcc
VDC
2
INPUT DEVICE
+VCC
3
INPUT VOLTAGE HYST. CIRC. CURRENT REGULATING
INPUT DEVICE DC SUPPLY
3
B
HYSTERESIS
8
CH. B STATUS
OUTPUT
4
* 4
GROUND
5
9 MODULE * Separate supplies may also be used. 0
MODULE ID
Status LED in G5 modules only.
SPECIFICATIONS: By Package Style
Package Style
I/O Modules
1 2 3
Std (70-) Units mA Vdc Vrms 1-50 50 4000 MIL-STD-202 MIL-STD-202 -40 to +125 -40 to +100 Lifetime
Mini (70M-)
G5 (70G-)
OL (70L-)
Specifications Output Current Range Min. Output Breakdown Voltage Isolation Voltage 1 Vibration2 Mechanical Shock3 Storage Temp. Range Operating Temp. Range Warranty
C C
1-50 50 4000 MIL-STD-202 MIL-STD-202 -40 to +125 -40 to +100 Lifetime
1-50 50 4000 MIL-STD-202 MIL-STD-202 -40 to +125 -40 to +100 Lifetime
1-50 50 2500 IEC68-2-6 IEC68-2-27 -40 to +100 -40 to +85 Lifetime
Field to logic and channel-to-channel if Grayhill racks are used. MIL-STD-202, Method 204, 20 G, 10-2000 Hz or IEC68-2-6, 0.15 mm/sec2, 10-150 Hz. MIL-STD-202, Method 213, Condition F, 1500 G or IEC68-2-27, 11 mS, 15g.
I/O 16
Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois
60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com
AC/DC Input Modules
SPECIFICATIONS: By Part Number
Standard and Miniature Modules
Type/Function Miniature, Non-Polarized Standard, Non-Polarized Specifications Maximum Input Voltage Input Voltage Range1 Input Current @ Max. Input Voltage Maximum Turn-on Time Maximum Turn-off Time Nominal Input Resistance (Rx) Maximum Pick Up Voltage (Output Low) Minimum Drop Out Voltage (Output High) Nominal Logic Voltage (Vcc) Logic Voltage Range Max. Logic Supply Current @ Nominal Vcc Units Vac/Vdc Vac/Vdc mA mSec mSec Vac/Vdc Vac/Vdc Vdc Vdc mA 60 35-60 6 10 10 10K 35 9 5 3-6 10 32 15-32/10-32 18 5 5 1.8K 15/10 3 5 3-6 10 32 15-32/10-32 18 5 5 1.8K 15/10 3 15 8-18 10 32 15-32/10-32 18 5 5 1.8K 15/10 3 24 15-30 10 70M-IDC5G 70-IDC5G Grayhill Part Number 70M-IDC5NP 70-IDC5NP 70M-IDCI5NP 70-IDC15NP 70-IDC24NP
G5 Modules
Type/Function G5, Non-Polarized, Status LED Specifications Maximum Input Voltage Input Voltage Range1 Input Current @ Max. Input Voltage Maximum Turn-on Time Maximum Turn-off Time Nominal Input Resistance (Rx) Maximum Pick Up Voltage (Output Low) Minimum Drop Out Voltage (Output High) Nominal Logic Voltage (Vcc) Logic Voltage Range: Std & Mini Max. Logic Supply Current @ Nominal Vcc Units Vac/Vdc Vac/Vdc mA mSec mSec Vac/Vdc Vac/Vdc Vdc Vdc mA 60 35-60 6 10 10 10K 35 9 5 4.5-6 10 32 15-32/10-32 18 5 5 1.8K 15/10 3 5 4.5-6 10 32 15-32/10-32 18 5 5 1.8K 15/10 3 15 10-18 10 32 15-32/10-32 18 5 5 1.8K 15/10 3 24 17-30 10 70G-IDC5G Grayhill Part Number 70G-IDC5NP 70G-IDC15NP 70G-IDC24NP
OpenLine(R) Modules
Type/Function Dual, Non-Polarized, Status LED Specifications Maximum Input Voltage Input Voltage Range1 Input Current @ Max. Input Voltage Maximum Turn-on Time Maximum Turn-off Time Nominal Input Resistance (Rx) Maximum Pick Up Voltage (Output Low) Minimum Drop Out Voltage (Output High) Nominal Logic Voltage (Vcc) Logic Voltage Range Max. Logic Supply Current @ Nominal Vcc Module ID Resistance to Logic Ground
1
Grayhill Part Number 70L-IDCG Units Vac/Vdc Vac/Vdc mA mSec mSec Vac/Vdc Vac/Vdc Vdc Vdc mA 60 35-60 6 10 10 10.6K 35 9 5 4.5-28 6/CH 0 32 15-32/10-32 17 5 5 1.9K 15/10 3 5 4.5-28 6/CH 0 70L-IDCNP
Available from your local Grayhill Distributor. For prices and discounts, contact a local Sales Office, an authorized local Distributor or Grayhill.
I/O Modules
For input voltages in the range of 90 to 140 Vdc, use AC input modules 70-IAC5, 70M-IAC5, 70G-IAC5 or 70L-IAC. For input voltages in the range of 180 to 280 Vdc, use AC input modules 70-IAC5A, 70M-IAC5A, 70G-IAC5A or 70L-IACA.
Grayhill, Inc. * 561 Hillgrove Avenue * LaGrange, Illinois
60525-5997 * USA * Phone: 708-354-1040 * Fax: 708-354-2820 * www.grayhill.com
I/O 17


▲Up To Search▲   

 
Price & Availability of 70M-IDCI5NP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X